Part Number Hot Search : 
IRLI530N KBPC5000 ZMM5267C SWL623 107M012 BZT52 AS324PE FOD050LV
Product Description
Full Text Search
 

To Download MM74HC132MX-NL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM74HC132 Quad 2-Input NAND Schmitt Trigger
September 1983 Revised January 2005
MM74HC132 Quad 2-Input NAND Schmitt Trigger
General Description
The MM74HC132 utilizes advanced silicon-gate CMOS technology to achieve the low power dissipation and high noise immunity of standard CMOS, as well as the capability to drive 10 LS-TTL loads. The 74HC logic family is functionally and pinout compatible with the standard 74LS logic family. All inputs are protected from damage due to static discharge by internal diode clamps to VCC and ground.
Features
s Typical propagation delay: 12 ns s Wide power supply range: 2V-6V s Low quiescent current: 20 A maximum (74HC Series) s Low input current: 1 A maximum s Fanout of 10 LS-TTL loads s Typical hysteresis voltage: 0.9V at VCC=4.5V
Ordering Code:
Order Number MM74HC132M MM74HC132MX_NL MM74HC132SJ MM74HC132MTC MM74HC132N Package Number M14A M14A M14D MTC14 N14A Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code. (Tape and Reel not available in N14A.) Pb-Free package per JEDEC J-STD-020B.
Connection Diagram
Pin Assignment for DIP, SOIC, SOP, and TSSOP
Logic Diagram
Top View
(c) 2005 Fairchild Semiconductor Corporation
DS005309
www.fairchildsemi.com
MM74HC132
Absolute Maximum Ratings(Note 1)
(Note 2) Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) Clamp Diode Current (IIK, IOK) DC Output Current, per pin (IOUT) DC VCC or GND Current, per pin (ICC) Storage Temperature Range (TSTG) Power Dissipation (PD) (Note 3) S.O. Package only Lead Temperature (TL) (Soldering 10 seconds) 260C (Note 4) 600 mW 500 mW
Recommended Operating Conditions
Min Supply Voltage (VCC) DC Input or Output Voltage (VIN, VOUT) Operating Temperature Range (TA) 2 0 Max 6 VCC Units V V
-0.5 to +7.0V -1.5 to VCC +1.5V -0.5 to VCC +0.5V 20 mA 25 mA 50 mA -65C to +150C
-40
+125
C
Note 1: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Note 2: Unless otherwise specified all voltages are referenced to ground. Note 3: Power Dissipation temperature derating -- plastic "N" package: - 12 mW/C from 65C to 85C.
DC Electrical Characteristics
Symbol VT+ Parameter Positive Going Threshold Voltage
Conditions Min
VCC 2.0V 4.5V 6.0V
TA = 25C Typ 1.0 2.0 3.0 1.5 3.15 4.2 0.3 0.9 1.2 1.0 2.2 3.0 0.2 0.4 0.5 1.0 1.4 1.5 2.0 4.5 6.0 4.2 5.7 0 0 0 0.2 0.2 1.9 4.4 5.9 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.1 2.0
TA = -40 to 85C TA = -40 to 125C Guaranteed Limits 1.0 2.0 3.0 1.5 3.15 4.2 0.3 0.9 1.2 1.0 2.2 3.0 0.2 0.4 0.5 1.0 1.4 1.5 1.9 4.4 5.9 3.84 5.34 0.1 0.1 0.1 0.33 0.33 1.0 20 1.0 2.0 3.0 1.5 3.15 4.2 0.3 0.9 1.2 1.0 2.2 3.0 0.2 0.4 0.5 1.0 1.4 1.5 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4 1.0 40
Units V V V V V V V V V V V V V V V V V V V V V V V V V V V V A A
Max
2.0V 4.5V 6.0V
VT-
Negative Going Threshold Voltage
Min
2.0V 4.5V 6.0V
Max
2.0V 4.5V 6.0V
VH
Hysteresis Voltage
Min
2.0V 4.5V 6.0V
Max
2.0V 4.5V 6.0V
VOH
Minimum HIGH Level Output Voltage
VIN = VIH or VIL |IOUT| 20 A VIN = VIH or VIL |IOUT| 4.0 mA |IOUT| 5.2 mA
2.0V 4.5V 6.0V 4.5V 6.0V 2.0V 4.5V 6.0V 4.5V 6.0V 6.0V 6.0V
VOL
Maximum LOW Level Output Voltage
VIN = VIH or VIL |IOUT| 20 A VIN = VIH or VIL |IOUT| 4.0 mA |IOUT| 5.2 mA
IIN ICC
Maximum Input Current Maximum Quiescent Supply Current
VIN = VCC or GND VIN = VCC or GND IOUT = 0 A
Note 4: For a power supply of 5V 10% the worst case output voltages (VOH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage current (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
www.fairchildsemi.com
2
MM74HC132
AC Electrical Characteristics
VCC = 5V, TA = 25C, CL = 15 pF, tr = tf = 6 ns Symbol tPHL, tPLH Parameter Maximum Propagation Delay Conditions Typ 12 Guaranteed Limit 20 Units ns
AC Electrical Characteristics
VCC = 2.0V to 6.0V, CL = 50 pF, tr = tf = 6 ns (unless otherwise specified) Symbol tPHL, tPLH Maximum Propagation Delay tTLH, tTHL Maximum Output Rise and Fall Time CPD CIN Power Dissipation Capacitance (Note 5) Maximum Input Capacitance 5 10 10 pF
Note 5: CPD determines the no load dynamic power consumption, PD = CPD VCC2f + ICC VCC, and the no load dynamic current consumption, IS = CPD VCC f + ICC.
Parameter
Conditions
VCC 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V
TA = 25C Typ 63 13 11 30 8 7 130 125 25 21 75 15 13
TA= -40 to 85C TA= -55 to 125C Guaranteed Limits 158 32 27 95 19 16 186 37 32 110 22 19
Units ns ns ns ns ns ns pF
(per gate)
3
www.fairchildsemi.com
MM74HC132
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M14A
www.fairchildsemi.com
4
MM74HC132
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M14D
5
www.fairchildsemi.com
MM74HC132
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC14
www.fairchildsemi.com
6
MM74HC132 Quad 2-Input NAND Schmitt Trigger
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N14A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of MM74HC132MX-NL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X